| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD6000 Fiches technique(PDF) 81 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD6000 Fiches technique(HTML) 81 Page - Analog Devices |
|
81 / 89 page ![]() Data Sheet ADPD6000 REGISTER DETAILS analog.com Rev. 0 | 81 of 89 Table 21. Register Details Reg Name Bits Bit Name Description Reset Access 0x0150 MOD_PULSE_B [7:0] MOD_OFFSET_x Modulation pulse offset. 0x1 R/W 0x0170 MOD_PULSE_C 0x0190 MOD_PULSE_D 0x01B0 MOD_PULSE_E 0x01D0 MOD_PULSE_F 0x01F0 MOD_PULSE_G 0x0210 MOD_PULSE_H 0x0230 MOD_PULSE_I 0x0250 MOD_PULSE_J 0x0270 MOD_PULSE_K 0x0290 MOD_PULSE_L 0x0131 PATTERN1_A [15:12] LED_DISABLE_x Four-pulse LED disable pattern. Set to 1 to disable the LED pulse in the matching position in a group of four pulses. The LSB maps to the first pulse. 0x0 R/W 0x0151 PATTERN1_B [11:8] MOD_DISABLE_x Four-pulse modulation disable pattern. Set to 1 to disable the modulation pulse in the matching position in a group of four pulses. The LSB maps to the first pulse. 0x0 R/W 0x0171 PATTERN1_C [7:4] SUBTRACT_x Four-pulse subtract pattern. Set to 1 to negate the math operation in the matching position in a group of four pulses. The LSB maps to the first pulse. 0x0 R/W 0x0191 PATTERN1_D [3:0] REVERSE_INTEG_x Four-pulse integration reverse pattern. Set to 1 to reverse the integrator pos/neg pulse order in the matching position in a group of four pulses. The LSB maps to the first pulse. 0x0 R/W 0x01B1 PATTERN1_E 0x01D1 PATTERN1_F 0x01F1 PATTERN1_G 0x0211 PATTERN1_H 0x0231 PATTERN1_I 0x0251 PATTERN1_J 0x0271 PATTERN1_K 0x0291 PATTERN1_L 0x0133 ADC_OFF1_A [15:14] RESERVED Reserved. 0x0 R 0x0153 ADC_OFF1_B [13:0] CH1_ADC_ADJUST_x Adjustment to ADC value. This value is subtracted from the ADC value for Channel 1. 0x0 R/W 0x0173 ADC_OFF1_C 0x0193 ADC_OFF1_D 0x01B3 ADC_OFF1_E 0x01D3 ADC_OFF1_F 0x01F3 ADC_OFF1_G 0x0213 ADC_OFF1_H 0x0233 ADC_OFF1_I 0x0253 ADC_OFF1_J 0x0273 ADC_OFF1_K 0x0293 ADC_OFF1_L 0x0134 ADC_OFF2_A [15:14] RESERVED Reserved. 0x0 R/W 0x0154 ADC_OFF2_B [13:0] CH2_ADC_ADJUST_x Adjustment to ADC value. This value is subtracted from the ADC value for Channel 2. 0x0 R/W 0x0174 ADC_OFF2_C 0x0194 ADC_OFF2_D 0x01B4 ADC_OFF2_E |