Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADPD6000 Fiches technique(PDF) 48 Page - Analog Devices

No de pièce ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Fiches technique(HTML) 48 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 44Page - Analog Devices ADPD6000 Datasheet HTML 45Page - Analog Devices ADPD6000 Datasheet HTML 46Page - Analog Devices ADPD6000 Datasheet HTML 47Page - Analog Devices ADPD6000 Datasheet HTML 48Page - Analog Devices ADPD6000 Datasheet HTML 49Page - Analog Devices ADPD6000 Datasheet HTML 50Page - Analog Devices ADPD6000 Datasheet HTML 51Page - Analog Devices ADPD6000 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 89 page
background image
Data Sheet
ADPD6000
REGISTER SUMMARY
analog.com
Rev. 0 | 48 of 89
Table 20. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x01E4
AFE_TRIM1_G [15:8]
TIA_CEIL_
DETECT_E
N_G
CH2_TRIM_INT_G
CH1_TRIM_INT_G
VREF_PUL
SE_G
AFE_TRIM_VREF_G
0x02C9 R/W
[7:0]
VREF_PULSE_VAL_G
TIA_GAIN_CH2_G
TIA_GAIN_CH1_G
0x01E5
AFE_TRIM2_G [15:8]
RESERVED
CH2_TRIM
_INT_CAP_
G
CH1_TRIM
_INT_CAP_
G
RESERVED
0x0000 R/W
[7:0]
RESERVED
0x01E6
AFE_DAC1_G [15:8]
DAC_AMBIENT_CH1_G[8:1]
0x0000 R/W
[7:0]
DAC_AMBI
ENT_CH1_
G[0]
DAC_LED_DC_CH1_G
0x01E7
AFE_DAC2_G [15:8]
DAC_AMBIENT_CH2_G[8:1]
0x0000 R/W
[7:0]
DAC_AMBI
ENT_CH2_
G[0]
DAC_LED_DC_CH2_G
0x01E8
LED_POW12_
G
[15:8]
LED_DRIV
ESIDE2_G
LED_CURRENT2_G
0x0000 R/W
[7:0]
LED_DRIV
ESIDE1_G
LED_CURRENT1_G
0x01E9
LED_MODE_G [15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
LED_MOD
E2_G
LED_MOD
E1_G
0x01EA
COUNTS_G
[15:8]
NUM_INT_G
0x0101 R/W
[7:0]
NUM_REPEAT_G
0x01EB
PERIOD_G
[15:8]
RESERVE
D
RESERVE
D
MOD_TYPE_G
RESERVED
MIN_PERIOD_G[9:8]
0x0000 R/W
[7:0]
MIN_PERIOD_G[7:0]
0x01EC
LED_PULSE1
_G
[15:8]
LED_WIDTH_G
0x0210 R/W
[7:0]
LED_OFFSET_G
0x01ED
LED_PULSE2
_G
[15:8]
RESERVED
0x0013 R/W
[7:0]
LED_SECOND_OFFSET_G
0x01EE
INTEG_WIDTH
_G
[15:8]
SINGLE_IN
TEG_G
RESERVED
CH2_AMP_DISABLE_G
RESERVED
CH1_AMP_
DISABLE_
G[1]
0x0003 R/W
[7:0]
CH1_AMP_
DISABLE_
G[0]
ADC_COUNT_G
INTEG_WIDTH_G
0x01EF
INTEG_OFFS
ET_G
[15:8]
RESERVED
INTEG_OFFSET_G[7:3]
0x01A0 R/W
[7:0]
INTEG_OFFSET_G[2:0]
INTEG_FINE_OFFSET_G
0x01F0
MOD_PULSE_
G
[15:8]
MOD_WIDTH_G
0x0001 R/W
[7:0]
MOD_OFFSET_G
0x01F1
PATTERN1_G [15:8]
LED_DISABLE_G
MOD_DISABLE_G
0x0000 R/W
[7:0]
SUBTRACT_G
REVERSE_INTEG_G
0x01F3
ADC_OFF1_G [15:8]
RESERVED
CH1_ADC_ADJUST_G[13:8]
0x0000 R/W
[7:0]
CH1_ADC_ADJUST_G[7:0]
0x01F4
ADC_OFF2_G [15:8]
RESERVED
CH2_ADC_ADJUST_G[13:8]
0x0000 R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89