Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADPD6000 Fiches technique(PDF) 47 Page - Analog Devices

No de pièce ADPD6000
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADPD6000 Fiches technique(HTML) 47 Page - Analog Devices

Back Button ADPD6000 Datasheet HTML 43Page - Analog Devices ADPD6000 Datasheet HTML 44Page - Analog Devices ADPD6000 Datasheet HTML 45Page - Analog Devices ADPD6000 Datasheet HTML 46Page - Analog Devices ADPD6000 Datasheet HTML 47Page - Analog Devices ADPD6000 Datasheet HTML 48Page - Analog Devices ADPD6000 Datasheet HTML 49Page - Analog Devices ADPD6000 Datasheet HTML 50Page - Analog Devices ADPD6000 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 89 page
background image
Data Sheet
ADPD6000
REGISTER SUMMARY
analog.com
Rev. 0 | 47 of 89
Table 20. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x01CC
LED_PULSE1
_F
[15:8]
LED_WIDTH_F
0x0210 R/W
[7:0]
LED_OFFSET_F
0x01CD
LED_PULSE2
_F
[15:8]
RESERVED
0x0013 R/W
[7:0]
LED_SECOND_OFFSET_F
0x01CE
INTEG_WIDTH
_F
[15:8]
SINGLE_IN
TEG_F
RESERVED
CH2_AMP_DISABLE_F
RESERVED
CH1_AMP_
DISABLE_
F[1]
0x0003 R/W
[7:0]
CH1_AMP_
DISABLE_
F[0]
ADC_COUNT_F
INTEG_WIDTH_F
0x01CF
INTEG_OFFS
ET_F
[15:8]
RESERVED
INTEG_OFFSET_F[7:3]
0x01A0 R/W
[7:0]
INTEG_OFFSET_F[2:0]
INTEG_FINE_OFFSET_F
0x01D0
MOD_PULSE_
F
[15:8]
MOD_WIDTH_F
0x0001 R/W
[7:0]
MOD_OFFSET_F
0x01D1
PATTERN1_F
[15:8]
LED_DISABLE_F
MOD_DISABLE_F
0x0000 R/W
[7:0]
SUBTRACT_F
REVERSE_INTEG_F
0x01D3
ADC_OFF1_F [15:8]
RESERVED
CH1_ADC_ADJUST_F[13:8]
0x0000 R/W
[7:0]
CH1_ADC_ADJUST_F[7:0]
0x01D4
ADC_OFF2_F [15:8]
RESERVED
CH2_ADC_ADJUST_F[13:8]
0x0000 R/W
[7:0]
CH2_ADC_ADJUST_F[7:0]
0x01D5
DATA1_F
[15:8]
DARK_SHIFT_F
DARK_SIZE_F
0x0003 R/W
[7:0]
SIGNAL_SHIFT_F
SIGNAL_SIZE_F
0x01D6
DATA2_F
[15:8]
RESERVED
0x0000 R/W
[7:0]
LIT_SHIFT_F
LIT_SIZE_F
0x01D7
DECIMATE_F
[15:8]
RESERVED
DECIMATE_FACTOR_F[6:4]
0x0000 R/W
[7:0]
DECIMATE_FACTOR_F[3:0]
RESERVED
0x01D8
DIGINT_LIT_F [15:8]
RESERVED
LIT_OFFSE
T_F[8]
0x0026 R/W
[7:0]
LIT_OFFSET_F[7:0]
0x01D9
DIGINT_DARK
_F
[15:8]
DARK2_OFFSET_F[8:1]
0x0086 R/W
[7:0]
DARK2_OF
FSET_F[0]
DARK1_OFFSET_F
0x01E0
TS_CTRL_G
[15:8]
SUBSAMPL
E_G
CH2_EN_G
SAMPLE_TYPE_G
RESERVE
D
TIMESLOT_OFFSET_G[9
:8]
0x0000 R/W
[7:0]
TIMESLOT_OFFSET_G[7:0]
0x01E1
TS_PATH_G
[15:8]
PRE_WIDTH_G
AMBIENT_CANCELLATIO
N_G
TS_GPIO_
G
AFE_INT_C
_BUF_G
0x4020 R/W
[7:0]
RESERVE
D
AFE_PATH_CFG_G
0x01E2
INPUTS_G
[15:8]
RESERVED
0x0000 R/W
[7:0]
INP34_G
INP12_G
0x01E3
CATHODE_G
[15:8]
RESERVE
D
PRECON_G
VC2_PULSE_G
VC2_ALT_G
0x0000 R/W
[7:0]
VC2_SEL_G
VC1_PULSE_G
VC1_ALT_G
VC1_SEL_G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89