| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD6000 Fiches technique(PDF) 55 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD6000 Fiches technique(HTML) 55 Page - Analog Devices |
|
55 / 89 page ![]() Data Sheet ADPD6000 REGISTER SUMMARY analog.com Rev. 0 | 55 of 89 Table 20. Register Summary Reg Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset RW 0x0270 MOD_PULSE_ K [15:8] MOD_WIDTH_K 0x0001 R/W [7:0] MOD_OFFSET_K 0x0271 PATTERN1_K [15:8] LED_DISABLE_K MOD_DISABLE_K 0x0000 R/W [7:0] SUBTRACT_K REVERSE_INTEG_K 0x0273 ADC_OFF1_K [15:8] RESERVED CH1_ADC_ADJUST_K[13:8] 0x0000 R/W [7:0] CH1_ADC_ADJUST_K[7:0] 0x0274 ADC_OFF2_K [15:8] RESERVED CH2_ADC_ADJUST_K[13:8] 0x0000 R/W [7:0] CH2_ADC_ADJUST_K[7:0] 0x0275 DATA1_K [15:8] DARK_SHIFT_K DARK_SIZE_K 0x0003 R/W [7:0] SIGNAL_SHIFT_K SIGNAL_SIZE_K 0x0276 DATA2_K [15:8] RESERVED 0x0000 R/W [7:0] LIT_SHIFT_K LIT_SIZE_K 0x0277 DECIMATE_K [15:8] RESERVED DECIMATE_FACTOR_K[6:4] 0x0000 R/W [7:0] DECIMATE_FACTOR_K[3:0] RESERVED 0x0278 DIGINT_LIT_K [15:8] RESERVED LIT_OFFSE T_K[8] 0x0026 R/W [7:0] LIT_OFFSET_K[7:0] 0x0279 DIGINT_DARK _K [15:8] DARK2_OFFSET_K[8:1] 0x0086 R/W [7:0] DARK2_OF FSET_K[0] DARK1_OFFSET_K 0x0280 TS_CTRL_L [15:8] SUBSAMPL E_L CH2_EN_L SAMPLE_TYPE_L RESERVE D TIMESLOT_OFFSET_L[9: 8] 0x0000 R/W [7:0] TIMESLOT_OFFSET_L[7:0] 0x0281 TS_PATH_L [15:8] PRE_WIDTH_L AMBIENT_CANCELLATIO N_L TS_GPIO_L AFE_INT_C _BUF_L 0x4020 R/W [7:0] RESERVE D AFE_PATH_CFG_L 0x0282 INPUTS_L [15:8] RESERVED 0x0000 R/W [7:0] INP34_L INP12_L 0x0283 CATHODE_L [15:8] RESERVE D PRECON_L VC2_PULSE_L VC2_ALT_L 0x0000 R/W [7:0] VC2_SEL_L VC1_PULSE_L VC1_ALT_L VC1_SEL_L 0x0284 AFE_TRIM1_L [15:8] TIA_CEIL_ DETECT_E N_L CH2_TRIM_INT_L CH1_TRIM_INT_L VREF_PUL SE_L AFE_TRIM_VREF_L 0x02C9 R/W [7:0] VREF_PULSE_VAL_L TIA_GAIN_CH2_L TIA_GAIN_CH1_L 0x0285 AFE_TRIM2_L [15:8] RESERVED CH2_TRIM _INT_CAP_ L CH1_TRIM _INT_CAP_ L RESERVED 0x0000 R/W [7:0] RESERVED 0x0286 AFE_DAC1_L [15:8] DAC_AMBIENT_CH1_L[8:1] 0x0000 R/W [7:0] DAC_AMBI ENT_CH1_ L[0] DAC_LED_DC_CH1_L 0x0287 AFE_DAC2_L [15:8] DAC_AMBIENT_CH2_L[8:1] 0x0000 R/W [7:0] DAC_AMBI ENT_CH2_ L[0] DAC_LED_DC_CH2_L |