Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF1P2131DA4/02 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce MF1P2131DA4/02
Description  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P2131DA4/02 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button MF1P2131DA4/02 Datasheet HTML 7Page - NXP Semiconductors MF1P2131DA4/02 Datasheet HTML 8Page - NXP Semiconductors MF1P2131DA4/02 Datasheet HTML 9Page - NXP Semiconductors MF1P2131DA4/02 Datasheet HTML 10Page - NXP Semiconductors MF1P2131DA4/02 Datasheet HTML 11Page - NXP Semiconductors MF1P2131DA4/02 Datasheet HTML 12Page - NXP Semiconductors MF1P2131DA4/02 Datasheet HTML 13Page - NXP Semiconductors MF1P2131DA4/02 Datasheet HTML 14Page - NXP Semiconductors MF1P2131DA4/02 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
11 / 33
8.5 Transaction MAC
The Transaction MAC feature helps preventing fraudulent merchant attacks. In example,
it allows a merchant operating a point-of-sale terminal to prove that the transactions he
executed with customers are genuine towards the back-end system. This is done by
letting the card generate a Transaction MAC over the transaction with a key shared only
by the card and the back-end system. The Transaction MAC feature can be activated
block by block. Note that the pre-personalization of the card has to be done by the card
issuer and not by the merchants provider.
MAC generation also involves a Transaction MAC Counter maintained by the card,
which allows the back-end system to detect replay attempts by the merchant. In addition,
this counter allows the back-end system to detect missing transactions, which in turn
allows detecting fraud where in example the merchant has increased the balance
without reporting the transaction. Note that a counter also allows for easier detection
mechanisms of replay than keeping logs with fingerprints of every transaction.
As only fraud detection might not be sufficient if one cannot point to the fraudulent
merchant, an additional configuration option allows the back-end to require that the
merchant’s terminal commits its identity, called ReaderID, during the transaction. This
requires support of a SAM which allows secure commit of its UID.
The card supports linking ReaderIDs of merchants by storing the committed ReaderID
and returning the ReaderID of the previous transaction. This way the back-end system
can detect which merchant did not report missing transactions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33