| Moteur de recherche de fiches techniques de composants électroniques |
|
MF1P2131DA4/02 Fiches technique(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF1P2131DA4/02 Fiches technique(HTML) 19 Page - NXP Semiconductors |
|
19 / 33 page ![]() NXP Semiconductors MF1P(H)x1y1 MIFARE Plus EV1 MF1P(H)x1y1 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product short data sheet Rev. 3.2 — 6 December 2018 COMPANY PUBLIC 366932 19 / 33 9.2 Security level 0, 1, 2, 3: ISO/IEC 14443-4 Table 5. ISO/IEC 14443-4 Command Description RATS the response to the RATS command identifies the PICC type to the PCD. PPS the PPS command allows individual selection of the communication baud rate between PCD and PICC. It is possible for MF1PLUSx0 to individually set the communication baud rate independently for both directions. DESELECT deselection according to ISO/IEC 14443-4. Please find more information on ISO/IEC 14443-3 in Ref. 7 as well as on the settings of ATQA, SAK and ATS in Ref. 6. |