| Moteur de recherche de fiches techniques de composants électroniques |
|
VSC8658 Fiches technique(PDF) 14 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8658 Fiches technique(HTML) 14 Page - Microsemi Corporation |
|
14 / 95 page ![]() Product Overview VMDS-10242 VSC8658 Datasheet Revision 4.1 6 Figure 2 • High-level Block Diagram L ED[3 :0 ] _ n MA C_ T D P _ n MA C_ T D N _ n MA C_ R D P _ n MA C_ R D N _ n TX V P_A _n TX V N _ A _ n TX V P_B _ n TX V N _ B _n TX V P_C _ n TX V N _ C _n TX V P_D _n TX V N _ D _n 10 /1 00 / 1 000 B A SE - T PC S 10 /100 / 1000 B A SE -T PM A MD I T w is te d P a ir In te r f a ce CM O D E [7 :0 ] N R ESET MD C MD IO MD IN T _ n EED AT EEC L K G P IO [1 5 :8 ] Ma n a g e me n t an d Co n tr o l In te r f a ce (M IIM ) JT A G PLL XT AL1 / R E FC L K XT AL2 R E F_ FIL T _ A RE F_ RE X T _ A R E F_ FIL T _ B RE F_ RE X T _ B CL K O U T LE D In te r f a ce 1 0 0 0BASE -X PC S 1000 BASE - X PM A SE R _ D O P _ n SE R _ D O N _ n SE R _ D IP _ n SE R _ D IN _ n SIG DET _ n / GP IO[7 :0 ] 1 0 0 BASE - F X PC S 1 0 0 BASE -F X PM A MD I Se r D e s In te r f a ce 1 0/100 /100 0B AS E -T S F P D ata P ath |