Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSC8658 Fiches technique(PDF) 82 Page - Microsemi Corporation

No de pièce VSC8658
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 Fiches technique(HTML) 82 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 78Page - Microsemi Corporation VSC8658 Datasheet HTML 79Page - Microsemi Corporation VSC8658 Datasheet HTML 80Page - Microsemi Corporation VSC8658 Datasheet HTML 81Page - Microsemi Corporation VSC8658 Datasheet HTML 82Page - Microsemi Corporation VSC8658 Datasheet HTML 83Page - Microsemi Corporation VSC8658 Datasheet HTML 84Page - Microsemi Corporation VSC8658 Datasheet HTML 85Page - Microsemi Corporation VSC8658 Datasheet HTML 86Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 95 page
background image
Pin Descriptions
VMDS-10242 VSC8658 Datasheet Revision 4.1
74
7.2.1
SerDes MAC Interface
The following table shows the pins associated with the device SerDes MAC interface.
7.2.2
SerDes Media Interface
The following table shows the pins associated with the device SerDes media interface.
Table 82 •
SerDes MAC Interface Pins
Pin
Name
Type
Description
AD2
AE5
AE9
AE13
AE17
AE21
AE25
AA25
AD1
AF5
AF9
AF13
AF17
AF21
AF25
AA26
MAC_TDP_7
MAC_TDP_6
MAC_TDP_5
MAC_TDP_4
MAC_TDP_3
MAC_TDP_2
MAC_TDP_1
MAC_TDP_0
MAC_TDN_7
MAC_TDN_6
MAC_TDN_5
MAC_TDN_4
MAC_TDN_3
MAC_TDN_2
MAC_TDN_1
MAC_TDN_0
IDIFF
SerDes MAC transmitter input pair.
AC2
AE4
AE8
AE12
AE16
AE20
AE24
AB25
AC1
AF4
AF8
AF12
AF16
AF20
AF24
AB26
MAC_RDP_7
MAC_RDP_6
MAC_RDP_5
MAC_RDP_4
MAC_RDP_3
MAC_RDP_2
MAC_RDP_1
MAC_RDP_0
MAC_RDN_7
MAC_RDN_6
MAC_RDN_5
MAC_RDN_4
MAC_RDN_3
MAC_RDN_2
MAC_RDN_1
MAC_RDN_0
ODIFF
SerDes MAC receiver output pair.
Table 83 •
SerDes Media Interface Pins
Pin
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95