| Moteur de recherche de fiches techniques de composants électroniques |
|
EVK-R4 Fiches technique(PDF) 24 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
EVK-R4 Fiches technique(HTML) 24 Page - u-blox AG |
|
24 / 31 page ![]() EVK-R4 - User guide UBX-16029216 - R08 Appendix Page 24 of 31 C1-Public C Examples of AT commands For the complete description and syntax of the AT commands supported by SARA-R4 series cellular modules, see the u-blox SARA-R4 series AT commands manual [1]. For detailed examples of AT commands used for common operations, see the u-blox SARA-R41 series application development guide [4] and the u-blox SARA-R42 series application development guide [5]. C.1 Data connection using external/internal TCP/IP stack ☞ There is no need to explicitly establish a PSD connection using SARA-R4 series modules. This device automatically establishes a PSD connection as part of the network registration and the attach procedure. C.2 Opening a TCP socket Command sent by DTE (user) DCE response (module) Description AT+CMEE=2 OK Enables the cellular module to report verbose error result codes. AT+CGATT? +CGATT: 1 OK Verifies the SARA-R4 module is attached to the network. AT+CEREG? +CEREG: 0,1 OK Verify the network registration status. AT+COPS=0 OK Register the module on the network. The cellular module automatically registers itself on the cellular network. This command is necessary only if the automatic registration failed (AT+CEREG? returns 0,0). AT+COPS? +COPS: 0,0,"Verizon Wireless",7 OK Read the operator name and radio access technology (RAT). AT+USOCR=6 +USOCR: 0 OK Create a TCP socket. AT+USOCO=0,"195.34.89.241", 7 OK Connect to the server. +UUSORD: 0,32 Greeting message. AT+USORD=0,32 +USORD: 0,32,"u-blox AG TCP/UDP test service" OK Retrieving the message. AT+USOCL=0 OK Closing the socket. |