| Moteur de recherche de fiches techniques de composants électroniques |
|
EVK-R4 Fiches technique(PDF) 20 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
EVK-R4 Fiches technique(HTML) 20 Page - u-blox AG |
|
20 / 31 page ![]() EVK-R4 - User guide UBX-16029216 - R08 Appendix Page 20 of 31 C1-Public 5. Set the COM port on which the modem will be installed. 6. From the “Device Manager”> Modems > Standard Modem 33,600 bps Modem #X (X is the assigned modem number) right click and select “Properties”. 7. Select the “Advanced” tab. 8. Add in the “Extra initialization commands” string: AT&S0 9. Click on OK. 10. Open the “Control Panel”. 11. Select “Set up a new connection or network”. |