| Moteur de recherche de fiches techniques de composants électroniques |
|
EVK-R4 Fiches technique(PDF) 14 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
EVK-R4 Fiches technique(HTML) 14 Page - u-blox AG |
|
14 / 31 page ![]() EVK-R4 - User guide UBX-16029216 - R08 Starting up Page 14 of 31 C1-Public 1.8 EVK-R422M8S pinout SARA-R422M8S DIL B2B connector SARA-R422M8S DIL B2B connector Pin no. Signal name Name / pin number Pin no. Signal name Name / pin number 1 GND J301 pins 7-8-9-10 33 RSVD J301 pin 36 2 USB_3V3 J301 pin 4 34 I2S_WA J300 pin 26 3 GND J301 pins 7-8-9-10 35 I2S_TXD J300 pin 23 4 V_INT J301 pin 35 36 I2S_CLK J300 pin 21 5 GND J301 pins 7-8-9-10 37 I2S_RXD J300 pin 24 6 DSR J301 pin 17 38 SIM_CLK J300 pin 16 7 RI J301 pin 18 39 SIM_IO J300 pin 13 8 DCD J301 pin 12 40 SIM_RST J300 pin 15 9 DTR J301 pin 11 41 VSIM J300 pin 14 10 RTS J301 pin 14 42 GPIO5 J301 pin 24 11 CTS J301 pin 13 43 GND J301 pins 7-8-9-10 12 TXD J301 pin 16 44 ANT_ON3 J300 pin 4 13 RXD J301 pin 15 45 TIMEPULSE3 J300 pin 1 14 GND J301 pins 7-8-9-10 46 EXTINT3 J300 pin 3 15 PWR_CTRL J301 pin 30 47 TXD_GNSS3 J301 pin 19 16 GPIO1 J301 pin 34 48 RSVD Not available 17 USB_5V0 Not available 49 RSVD Not available 18 RSVD J300 pin 25 50 GND J301 pins 7-8-9-10 19 GPIO6 J301 pin 23 51 VCC J300 pins 7-8-9-10 20 GND J301 pins 7-8-9-10 52 VCC J300 pins 7-8-9-10 21 GND J301 pins 7-8-9-10 53 VCC J300 pins 7-8-9-10 22 GND J301 pins 7-8-9-10 54 GND J301 pins 7-8-9-10 23 GPIO2 J301 pin 32 55 GND J301 pins 7-8-9-10 24 GPIO3 J301 pin 31 56 ANT Not available 25 GPIO4 J301 pin 26 57 GND J301 pins 7-8-9-10 26 SDA J300 pin 22 58 GND J301 pins 7-8-9-10 27 SCL J300 pin 19 59 GND J301 pins 7-8-9-10 28 USB_D- Not available 60 GND J301 pins 7-8-9-10 29 USB_D+ Not available 61 GND J301 pins 7-8-9-10 30 GND J301 pins 7-8-9-10 62 ANT_DET Not available 31 ANT_GNSS3 Not available 63 GND J301 pins 7-8-9-10 32 GND J301 pins 7-8-9-10 64 GND J301 pins 7-8-9-10 Table 6: Interfaces of SARA-R422M8S modules, as routed on the 42-pin dual-in-line board-to-board connectors (J300, J301) available on the ADP-R4 adapter board of the EVK-R4 evaluation kit ☞ The pins / interfaces that are not supported by a specific SARA-R4 version should not be driven by an external device (see the SARA-R4 series data sheet [2] and the SARA-R4 series system integration manual [3] for features supported by each SARA-R4 module product version). 3 SARA-R422M8S modules only. |