| Moteur de recherche de fiches techniques de composants électroniques |
|
EVK-R4 Fiches technique(PDF) 22 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
EVK-R4 Fiches technique(HTML) 22 Page - u-blox AG |
|
22 / 31 page ![]() EVK-R4 - User guide UBX-16029216 - R08 Appendix Page 22 of 31 C1-Public B.2 How to install and configure a modem data connection over USB ☞ Section applicable to EVK-R410M and EVK-R412M only. This example describes how to install and configure a data connection on a PC with the Windows 7 operating system using the TCP/IP stack of the PC, over the native USB interface of the SARA-R410M and SARA-R412M modules connected to the Windows PC by the Cellular Native USB connector (J105 on the ADP). 1. Follow the board setup instructions in section 1.10 to provide the required connections with the EVK-R4. 2. Select: “Control Panel > Network and Internet > Network and Sharing Center > Setup a new connection or network” This opens the “Choose a connection option” Wizard. 3. Select Set up a dial-up connection. Click on Next. |