| Moteur de recherche de fiches techniques de composants électroniques |
|
6500QL Fiches technique(PDF) 11 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
6500QL Fiches technique(HTML) 11 Page - 3M Electronics |
|
11 / 46 page ![]() (English) 10 Number Description 6583 6582 6893 ****“QL” on latch identifies Quick Latch version, 6500QL series. Fig. 28 6582 Quick Latch Head Harness Assembly**** 6583 Exhalation Valve 6893 Inhalation Valve Number Description 504 Respirator Cleaning Wipes 601 Quantitative Fit Test Adapter For Compliance in Brazil NOTE: 1. Do not use in deficient or enriched oxygen atmospheres. 2. Storage, Transportation and Care: store in a clean and dry place and away from contaminants and extreme temperature and humidity. 3. The components of this respirator are made of materials which are not expected to cause adverse health effects. 4. It is necessary to have special care to use this product in explosives atmospheres. Product Manufacturing Date The parts of the product show markings that bring information of manufacturing date, and its reading is described as in the example below: 12 10 11 1 2 3 4 5 6 7 8 9 1 9 Date Code = 12th month 2019 (12/19) |