| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7041A Fiches technique(PDF) 321 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A Fiches technique(HTML) 321 Page - Renesas Technology Corp |
|
321 / 923 page ![]() 283 12.2 MTU Register Descriptions 12.2.1 Timer Control Register (TCR) The TCR is an 8-bit read/write register for controlling the TCNT counter for each channel. The MTU has five TCR registers, one for each of the channels 0 to 4. TCR is initialized to H'00 by a power-on reset or the standby mode. Manual reset does not initialize TCR. Channels 0, 3, 4: TCR0, TCR3, TCR4: Bit: 7 6 5 4 3 2 1 0 CCLR2 CCLR1 CCLR0 CKEG1 CKEG0 TPSC2 TPSC1 TPSC0 Initial value: 0 0 0 0 0 0 0 0 R/W: R/W R/W R/W R/W R/W R/W R/W R/W Channels 1, 2: TCR1, TCR2: Bit: 7 6 5 4 3 2 1 0 — CCLR1 CCLR0 CKEG1 CKEG0 TPSC2 TPSC1 TPSC0 Initial value: 0 0 0 0 0 0 0 0 R/W: R R/W R/W R/W R/W R/W R/W R/W • Bits 7–5—Counter Clear 2, 1, 0 (CCLR2, CCLR1, CCLR0): Select the counter clear source for the TCNT counter. |