Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7041A Fiches technique(PDF) 313 Page - Renesas Technology Corp

No de pièce SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Fiches technique(HTML) 313 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 309Page - Renesas Technology Corp SH7041A Datasheet HTML 310Page - Renesas Technology Corp SH7041A Datasheet HTML 311Page - Renesas Technology Corp SH7041A Datasheet HTML 312Page - Renesas Technology Corp SH7041A Datasheet HTML 313Page - Renesas Technology Corp SH7041A Datasheet HTML 314Page - Renesas Technology Corp SH7041A Datasheet HTML 315Page - Renesas Technology Corp SH7041A Datasheet HTML 316Page - Renesas Technology Corp SH7041A Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 923 page
background image
275
Table 12.1 summarizes the MTU functions.
Table 12.1
MTU Functions
Item
Channel 0
Channel 1
Channel 2
Channel 3
Channel 4
Counter clocks
Internal:
φ/1, φ/4, φ/16, φ/64, φ/256, φ/1024
External: Eight to each channel from TCLKA, TCLKB, TCLKC, and TCLKD
General registers
TGR0A
TGR0B
TGR1A
TGR1B
TGR2A
TGR2B
TGR3A
TGR3B
TGR4A
TGR4B
General
registers/buffer
registers
TGR0C
TGR0D
No
No
TGR3C
TGR3D
TGR4C
TGR4D
Input/output pins
TIOC0A
TIOC0B
TIOC0C
TIOC0D
TIOC1A
TIOC1B
TIOC2A
TIOC2B
TIOC3A
TIOC3B
TIOC3C
TIOC3D
TIOC4A
TIOC4B
TIOC4C
TIOC4D
Counter clear
function
TGR compare-
match or input
capture
TGR compare-
match or input
capture
TGR compare-
match or input
capture
TGR compare-
match or input
capture
TGR compare-
match or input
capture
Compare
0
Yes
Yes
Yes
Yes
Yes
match output 1
Yes
Yes
Yes
Yes
Yes
Toggle Yes
Yes
Yes
Yes
Yes
Input capture
function
Yes
Yes
Yes
Yes
Yes
Synchronization
Yes
Yes
Yes
Yes
Yes
Buffer operation
Yes
No
No
Yes
No
PWM mode 1
Yes
Yes
Yes
Yes
Yes
PWM mode 2
Yes
Yes
Yes
No
No
Phase counting
mode
No
Yes
Yes
No
No
Reset-synchronized
PWM mode
No
No
No
Yes
Yes
Complementary
PWM mode
No
No
No
Yes
Yes
DMAC activation
TGR0A com-
pare match or
input capture
TGR1A com-
pare match or
input capture
TGR2A com-
pare match or
input capture
TGR3A com-
pare match or
input capture
TGR4A com-
pare match or
input capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More