| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7041A Fiches technique(PDF) 254 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A Fiches technique(HTML) 254 Page - Renesas Technology Corp |
|
254 / 923 page ![]() 216 11.1.3 Pin Configuration Table 11.1 shows the DMAC pins. Table 11.1 DMAC Pin Configuration Channel Name Symbol I/O Function 0 DMA transfer request DREQ0 I DMA transfer request input from external device to channel 0 DMA transfer request acknowledge DACK0 O DMA transfer strobe output from channel 0 to external device DREQ0 acceptance confirmation DRAK0 O Sampling receive acknowledge output for DMA transfer request input from external source 1 DMA transfer request DREQ1 I DMA transfer request input from external device to channel 1 DMA transfer request acknowledge DACK1 O DMA transfer strobe output from channel 1 to external device DREQ1 acceptance confirmation DRAK1 O Sampling receive acknowledge output for DMA transfer request input from external source |