Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7041A Fiches technique(PDF) 149 Page - Renesas Technology Corp

No de pièce SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Fiches technique(HTML) 149 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 145Page - Renesas Technology Corp SH7041A Datasheet HTML 146Page - Renesas Technology Corp SH7041A Datasheet HTML 147Page - Renesas Technology Corp SH7041A Datasheet HTML 148Page - Renesas Technology Corp SH7041A Datasheet HTML 149Page - Renesas Technology Corp SH7041A Datasheet HTML 150Page - Renesas Technology Corp SH7041A Datasheet HTML 151Page - Renesas Technology Corp SH7041A Datasheet HTML 152Page - Renesas Technology Corp SH7041A Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 923 page
background image
111
• Bits 7–0—IRQ0–IRQ7 Flags (IRQ0F–IRQ7F): These bits display the IRQ0–IRQ7 interrupt
request status.
Bits 7-0:
IRQ0F–IRQ7F
Detection Setting
Description
0
Level detection
No IRQn interrupt request exists.
Clear conditions: When
IRQn input is high level
Edge detection
No IRQn interrupt request was detected. (initial value)
Clear conditions:
1. When a 0 is written after reading IRQnF = 1 status
2. When IRQn interrupt exception processing has been
executed
3. When a DTC transfer due to IRQn interrupt has been
executed
1
Level detection
An IRQn interrupt request exists.
Set conditions: When
IRQn input is low level
Edge detection
An IRQn interrupt request was detected.
Set conditions: When a falling edge occurs at an
IRQn input
IRQ pin
Edge
detection
Selection
CPU
interrupt
request
DTC
activation
request
Judgment
(IRQn interrupt acceptance/DTC transfer completion/IRQnF = 0 write after IRQnF = 1 read)
S
R
RESIRQn
Q
IRQnS
(0: level,
1: edge)
ISR.IRQnF
Level
detection
DTC
Figure 6.2 External Interrupt Process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More