Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7041A Fiches technique(PDF) 105 Page - Renesas Technology Corp

No de pièce SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Fiches technique(HTML) 105 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 101Page - Renesas Technology Corp SH7041A Datasheet HTML 102Page - Renesas Technology Corp SH7041A Datasheet HTML 103Page - Renesas Technology Corp SH7041A Datasheet HTML 104Page - Renesas Technology Corp SH7041A Datasheet HTML 105Page - Renesas Technology Corp SH7041A Datasheet HTML 106Page - Renesas Technology Corp SH7041A Datasheet HTML 107Page - Renesas Technology Corp SH7041A Datasheet HTML 108Page - Renesas Technology Corp SH7041A Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 923 page
background image
67
Table 2.13
Arithmetic Operation Instructions (cont)
Instruction
Instruction Code
Operation
Execu-
tion
Cycles
T Bit
SUB
Rm,Rn
0011nnnnmmmm1000
Rn–Rm
→ Rn
1
—
SUBC
Rm,Rn
0011nnnnmmmm1010
Rn–Rm–T
→ Rn,
Borrow
→ T
1
Borrow
SUBV
Rm,Rn
0011nnnnmmmm1011
Rn–Rm
→ Rn,
Underflow
→ T
1
Overflow
Note: * The normal minimum number of execution cycles. (The number in parentheses is the
number of cycles when there is contention with following instructions.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More