| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7041A Fiches technique(PDF) 636 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A Fiches technique(HTML) 636 Page - Renesas Technology Corp |
|
636 / 923 page ![]() 598 17.5.3 Contention between CMCNT Byte Write and Incrementation If an increment occurs during the T2 state of the CMCNT byte write cycle, the counter write has priority, so no increment of the write data results on the writing side. The byte data on the side not performing the writing is also not incremented, so the contents are those before the write. Figure 17.8 shows the timing when an increment occurs during the T2 state of the CMCNTH write cycle. T1 T2 CK Address Internal write signal CMCNT input clock CMCNTH CMCNT write cycle CMCNTH N M CMCNTH write data X X CMCNTL Figure 17.8 CMCNT Byte Write and Increment Contention |