| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7041A Fiches technique(PDF) 535 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A Fiches technique(HTML) 535 Page - Renesas Technology Corp |
|
535 / 923 page ![]() 497 B: Bit rate (bit/s) N: Baud rate generator BRR setting (0 ≤ N ≤ 255) φ: Operating frequency (MHz) n: Baud rate generator input clock (n = 0 to 3) (See the following table for the clock sources and value of n.) SMR Settings n Clock Source CKS1 CKS2 0 φ 00 1 φ/4 0 1 2 φ/16 1 0 3 φ/64 1 1 The bit rate error in asynchronous mode is calculated as follows: Error (%) (N +1) × B × 64 × 2 2n–1 =× 100 –1 6 φ × 10 Table 14.5 indicates the maximum bit rates in the asynchronous mode when the baud rate generator is being used for various frequencies. Tables 14.6 and 14.7 show the maximum rates for external clock input. |