Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7041A Fiches technique(PDF) 416 Page - Renesas Technology Corp

No de pièce SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Fiches technique(HTML) 416 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 412Page - Renesas Technology Corp SH7041A Datasheet HTML 413Page - Renesas Technology Corp SH7041A Datasheet HTML 414Page - Renesas Technology Corp SH7041A Datasheet HTML 415Page - Renesas Technology Corp SH7041A Datasheet HTML 416Page - Renesas Technology Corp SH7041A Datasheet HTML 417Page - Renesas Technology Corp SH7041A Datasheet HTML 418Page - Renesas Technology Corp SH7041A Datasheet HTML 419Page - Renesas Technology Corp SH7041A Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 923 page
background image
378
Table 12.17 MTU Interrupt Sources
Channel
Interrupt
Source
Description
DMAC
Activation
DTC
Activation
Priority*
0
TGI0A
TGR0A input capture/compare-match
Yes
Yes
High
TGI0B
TGR0B input capture/compare-match
No
Yes
TGI0C
TGR0C input capture/compare-match
No
Yes
TGI0DTGR0D
input capture/compare-match
No
Yes
TCI0V
TCNT0 overflow
No
No
1
TGI1A
TGR1A input capture/compare-match
Yes
Yes
TGI1B
TGR1B input capture/compare-match
No
Yes
TCI1V
TCNT1 overflow
No
No
TCI1U
TCNT1 underflow
No
No
2
TGI2A
TGR2A input capture/compare-match
Yes
Yes
TGI2B
TGR2B input capture/compare-match
No
Yes
TCI2V
TCNT2 overflow
No
No
TCI2U
TCNT2 underflow
No
No
3
TGI3A
TGR3A input capture/compare-match
Yes
Yes
TGI3B
TGR3B input capture/compare-match
No
Yes
TGI3C
TGR3C input capture/compare-match
No
Yes
TGI3DTGR3D
input capture/compare-match
No
Yes
TCI3V
TCNT3 overflow
No
No
4
TGI4A
TGR4A input capture/compare-match
Yes
Yes
TGI4B
TGR4B input capture/compare-match
No
Yes
TGI4C
TGR4C input capture/compare-match
No
Yes
TGI4DTGR4D
input capture/compare-match
No
Yes
TCI4V
TCNT overflow/underflow
No
Yes
Low
Note: * Indicates the initial status following reset. The ranking of channels can be altered using
the interrupt controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More