Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC80310 Fiches technique(PDF) 27 Page - NXP Semiconductors

No de pièce TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Fiches technique(HTML) 27 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 23Page - NXP Semiconductors TC80310 Datasheet HTML 24Page - NXP Semiconductors TC80310 Datasheet HTML 25Page - NXP Semiconductors TC80310 Datasheet HTML 26Page - NXP Semiconductors TC80310 Datasheet HTML 27Page - NXP Semiconductors TC80310 Datasheet HTML 28Page - NXP Semiconductors TC80310 Datasheet HTML 29Page - NXP Semiconductors TC80310 Datasheet HTML 30Page - NXP Semiconductors TC80310 Datasheet HTML 31Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
NXP Semiconductors
27
80310
LIN protocol errors:
• Sync Break Error: This flag is up when Synchro break Field duration is lower than 10Tbits.
• Identifier parity Error: Comm error flag also reported in MID11
• Checksum Error: Comm error flag also reported in MID11
• Slave not responding Error: Tframe Max exceeded (LIN Specification revision 1.3).
These flags are reset once the microcontroller sends MID 12 for ALTA, or MID 14 for Alt B. Reported in Alternator A/B read data field
(ID=12, 14), byte 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31