Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC80310 Fiches technique(PDF) 25 Page - NXP Semiconductors

No de pièce TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Fiches technique(HTML) 25 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 21Page - NXP Semiconductors TC80310 Datasheet HTML 22Page - NXP Semiconductors TC80310 Datasheet HTML 23Page - NXP Semiconductors TC80310 Datasheet HTML 24Page - NXP Semiconductors TC80310 Datasheet HTML 25Page - NXP Semiconductors TC80310 Datasheet HTML 26Page - NXP Semiconductors TC80310 Datasheet HTML 27Page - NXP Semiconductors TC80310 Datasheet HTML 28Page - NXP Semiconductors TC80310 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
NXP Semiconductors
25
80310
5.8
Thermal compensation
This function is activated when internal temperature is above thermal threshold (135,145,150, or 160 degrees). In this case, the V setting
fixed by the LIN or by default is compensated to reduce internal temperature. The de-rating is calculated depending on the 4 categories
of V setting.
Figure 11. Thermal compensation
Table 15. Thermal compensation
Ptc (mV/degree)
Thermal threshold (degrees)
Vset[5:4]
Vset (V)
135
145
150
160
00
10.6-12.1 V
50
50
50
100
01
12.2-13.7 V
100
100
100
200
10
13.8-15.3 V
100
200
200
400
11
15.4-16 V
200
200
200
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31