Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC80310 Fiches technique(PDF) 20 Page - NXP Semiconductors

No de pièce TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Fiches technique(HTML) 20 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 16Page - NXP Semiconductors TC80310 Datasheet HTML 17Page - NXP Semiconductors TC80310 Datasheet HTML 18Page - NXP Semiconductors TC80310 Datasheet HTML 19Page - NXP Semiconductors TC80310 Datasheet HTML 20Page - NXP Semiconductors TC80310 Datasheet HTML 21Page - NXP Semiconductors TC80310 Datasheet HTML 22Page - NXP Semiconductors TC80310 Datasheet HTML 23Page - NXP Semiconductors TC80310 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
20
NXP Semiconductors
80310
Table 10. Target/programmed voltage
Code
V
Code
V
000000
10.6/OFF(21)
100000
13.8(22)
000001
10.7
100001
13.9
000010
10.8
100010
14.0
000011
10.9
100011
14.1
000100
11.0
100100
14.2
000101
11.1
100101
14.3
000110
11.2
100110
14.4
000111
11.3
100111
14.5
001000
11.4
101000
14.6
001001
11.5
101001
14.7
001010
11.6
101010
14.8
001011
11.7
101011
14.9
001100
11.8
101100
15.0
001101
11.9
101101
15.1
001110
12.0
101110
15.2
001111
12.1
101111
15.3
010000
12.2
110000
15.4
010001
12.3
110001
15.5
010010
12.4
110010
15.6
010011
12.5
110011
15.7
010100
12.6
110100
15.8
010101
12.7
110101
15.9
010110
12.8
110110
16.0
010111
12.9
110111
16.0
011000
13.0
111000
16.0
011001
13.1
111001
16.0
011010
13.2
111010
16.0
011011
13.3
111011
16.0
011100
13.4
111100
16.0
011101
13.5
111101
16.0
011110
13.6
111110
16.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31