Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC80310 Fiches technique(PDF) 23 Page - NXP Semiconductors

No de pièce TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Fiches technique(HTML) 23 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 19Page - NXP Semiconductors TC80310 Datasheet HTML 20Page - NXP Semiconductors TC80310 Datasheet HTML 21Page - NXP Semiconductors TC80310 Datasheet HTML 22Page - NXP Semiconductors TC80310 Datasheet HTML 23Page - NXP Semiconductors TC80310 Datasheet HTML 24Page - NXP Semiconductors TC80310 Datasheet HTML 25Page - NXP Semiconductors TC80310 Datasheet HTML 26Page - NXP Semiconductors TC80310 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
NXP Semiconductors
23
80310
Table 13. Excitation information sent back to the master
EXC code
EXC current (A)(24)
DF Code
(EXC duty cycle)
DF (%)(25)
000000
0
00000
0
000010
0.25
00001
3.
000100
0.5
00010
6.5
000110
0.75
00011
9.5
001000
1
00100
13
001010
1.25
00101
16
001100
1.5
00110
19.5
001110
1.75
00111
22.5
010000
2
01000
26
010010
2.25
01001
29
010100
2.5
01010
32.5
010110
2.75
01011
35.5
011000
3
01100
38.5
011010
3.25
01101
42
011100
3.5
01110
45
011110
3.75
01111
48.5
100000
4
10000
51.5
100010
4.25
10001
55
100100
4.5
10010
58
100110
4.75
10011
61.5
101000
5
10100
64.5
101010
5.25
10101
67.5
101100
5.5
10110
71
101110
5.75
10111
74
110000
6
11000
77.5
110010
6.25
11001
80.5
110100
6.5
11010
84
110110
6.75
11011
87
111000
7
11100
90.5
111010
7.25
11101
93.5
111100
7.5
11110
97
111110
7.75
11111
100
Notes
24.
6 bits of data will be available, but only 5 bits are tabulated.
25.
Rounded to nearest half percent.
Table 14. More excitation information, received from the master
Current limitation(26)
A
00000
No Limit
00001
2.0
00010
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31