Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 260 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 260 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 256Page - NXP Semiconductors HCS08 Datasheet HTML 257Page - NXP Semiconductors HCS08 Datasheet HTML 258Page - NXP Semiconductors HCS08 Datasheet HTML 259Page - NXP Semiconductors HCS08 Datasheet HTML 260Page - NXP Semiconductors HCS08 Datasheet HTML 261Page - NXP Semiconductors HCS08 Datasheet HTML 262Page - NXP Semiconductors HCS08 Datasheet HTML 263Page - NXP Semiconductors HCS08 Datasheet HTML 264Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 316 page
background image
Timer/PWM Module (S08TPMV3)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
260
Freescale Semiconductor
16.6.2.1.2
Center-Aligned PWM Case
When CPWMS=1, TOF gets set when the timer counter changes direction from up-counting to
down-counting at the end of the terminal count (the value in the modulo register). In this case the TOF
corresponds to the end of a PWM period.
16.6.2.2
Channel Event Interrupt Description
The meaning of channel interrupts depends on the channel’s current mode (input-capture, output-compare,
edge-aligned PWM, or center-aligned PWM).
16.6.2.2.1
Input Capture Events
When a channel is configured as an input capture channel, the ELSnB:ELSnA control bits select no edge
(off), rising edges, falling edges or any edge as the edge which triggers an input capture event. When the
selected edge is detected, the interrupt flag is set. The flag is cleared by the two-step sequence described
in Section 16.6.2, “Description of Interrupt Operation.”
16.6.2.2.2
Output Compare Events
When a channel is configured as an output compare channel, the interrupt flag is set each time the main
timer counter matches the 16-bit value in the channel value register. The flag is cleared by the two-step
sequence described Section 16.6.2, “Description of Interrupt Operation.”
16.6.2.2.3
PWM End-of-Duty-Cycle Events
For channels configured for PWM operation there are two possibilities. When the channel is configured
for edge-aligned PWM, the channel flag gets set when the timer counter matches the channel value register
which marks the end of the active duty cycle period. When the channel is configured for center-aligned
PWM, the timer count matches the channel value register twice during each PWM cycle. In this CPWM
case, the channel flag is set at the start and at the end of the active duty cycle period which are the times
when the timer counter matches the channel value register. The flag is cleared by the two-step sequence
described Section 16.6.2, “Description of Interrupt Operation.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com