Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 257 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 257 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 253Page - NXP Semiconductors HCS08 Datasheet HTML 254Page - NXP Semiconductors HCS08 Datasheet HTML 255Page - NXP Semiconductors HCS08 Datasheet HTML 256Page - NXP Semiconductors HCS08 Datasheet HTML 257Page - NXP Semiconductors HCS08 Datasheet HTML 258Page - NXP Semiconductors HCS08 Datasheet HTML 259Page - NXP Semiconductors HCS08 Datasheet HTML 260Page - NXP Semiconductors HCS08 Datasheet HTML 261Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 316 page
background image
Timer/PWM Module (S08TPMV3)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
257
the TPM counter is a free-running counter then the update is made when the TPM counter changes
from 0xFFFE to 0xFFFF.
16.4.2.4
Center-Aligned PWM Mode
This type of PWM output uses the up/down counting mode of the timer counter (CPWMS=1). The output
compare value in TPMxCnVH:TPMxCnVL determines the pulse width (duty cycle) of the PWM signal
while the period is determined by the value in TPMxMODH:TPMxMODL. TPMxMODH:TPMxMODL
should be kept in the range of 0x0001 to 0x7FFF because values outside this range can produce ambiguous
results. ELSnA will determine the polarity of the CPWM output.
pulse width = 2 x (TPMxCnVH:TPMxCnVL)
period = 2 x (TPMxMODH:TPMxMODL); TPMxMODH:TPMxMODL=0x0001-0x7FFF
If the channel-value register TPMxCnVH:TPMxCnVL is zero or negative (bit 15 set), the duty cycle will
be 0%. If TPMxCnVH:TPMxCnVL is a positive value (bit 15 clear) and is greater than the (non-zero)
modulus setting, the duty cycle will be 100% because the duty cycle compare will never occur. This
implies the usable range of periods set by the modulus register is 0x0001 through 0x7FFE (0x7FFF if you
do not need to generate 100% duty cycle). This is not a significant limitation. The resulting period would
be much longer than required for normal applications.
TPMxMODH:TPMxMODL=0x0000 is a special case that should not be used with center-aligned PWM
mode. When CPWMS=0, this case corresponds to the counter running free from 0x0000 through 0xFFFF,
but when CPWMS=1 the counter needs a valid match to the modulus register somewhere other than at
0x0000 in order to change directions from up-counting to down-counting.
The output compare value in the TPM channel registers (times 2) determines the pulse width (duty cycle)
of the CPWM signal (Figure 16-16). If ELSnA=0, a compare occurred while counting up forces the
CPWM output signal low and a compare occurred while counting down forces the output high. The
counter counts up until it reaches the modulo setting in TPMxMODH:TPMxMODL, then counts down
until it reaches zero. This sets the period equal to two times TPMxMODH:TPMxMODL.
Figure 16-16. CPWM Period and Pulse Width (ELSnA=0)
Center-aligned PWM outputs typically produce less noise than edge-aligned PWMs because fewer I/O pin
transitions are lined up at the same system clock edge. This type of PWM is also required for some types
of motor drives.
PERIOD
PULSE WIDTH
COUNT=
COUNT= 0
COUNT=
OUTPUT
COMPARE
(COUNT DOWN)
OUTPUT
COMPARE
(COUNT UP)
TPMxCHn
2 x TPMxMODH:TPMxMODL
2 x TPMxCnVH:TPMxCnVL
TPMxMODH:TPMxMODL
TPMxMODH:TPMxMODL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com