Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 206 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 206 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 202Page - NXP Semiconductors HCS08 Datasheet HTML 203Page - NXP Semiconductors HCS08 Datasheet HTML 204Page - NXP Semiconductors HCS08 Datasheet HTML 205Page - NXP Semiconductors HCS08 Datasheet HTML 206Page - NXP Semiconductors HCS08 Datasheet HTML 207Page - NXP Semiconductors HCS08 Datasheet HTML 208Page - NXP Semiconductors HCS08 Datasheet HTML 209Page - NXP Semiconductors HCS08 Datasheet HTML 210Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 316 page
background image
Serial Communications Interface (S08SCIV4)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
206
Freescale Semiconductor
14.2.3
SCI Control Register 2 (SCIC2)
This register can be read or written at any time.
3
WAKE
Receiver Wakeup Method Select — Refer to Section 14.3.3.2, “Receiver Wakeup Operation” for more
information.
0 Idle-line wakeup.
1 Address-mark wakeup.
2
ILT
Idle Line Type Select — Setting this bit to 1 ensures that the stop bit and logic 1 bits at the end of a character
do not count toward the 10 or 11 bit times of logic high level needed by the idle line detection logic. Refer to
Section 14.3.3.2.1, “Idle-Line Wakeup” for more information.
0 Idle character bit count starts after start bit.
1 Idle character bit count starts after stop bit.
1
PE
Parity Enable — Enables hardware parity generation and checking. When parity is enabled, the most significant
bit (MSB) of the data character (eighth or ninth data bit) is treated as the parity bit.
0 No hardware parity generation or checking.
1 Parity enabled.
0
PT
Parity Type — Provided parity is enabled (PE = 1), this bit selects even or odd parity. Odd parity means the total
number of 1s in the data character, including the parity bit, is odd. Even parity means the total number of 1s in
the data character, including the parity bit, is even.
0 Even parity.
1 Odd parity.
76
54
321
0
R
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK
W
Reset
000
00
000
Figure 14-7. SCI Control Register 2 (SCIC2)
Table 14-4. SCIC2 Field Descriptions
Field
Description
7
TIE
Transmit Interrupt Enable (for TDRE)
0 Hardware interrupts from TDRE disabled (use polling).
1 Hardware interrupt requested when TDRE flag is 1.
6
TCIE
Transmission Complete Interrupt Enable (for TC)
0 Hardware interrupts from TC disabled (use polling).
1 Hardware interrupt requested when TC flag is 1.
5
RIE
Receiver Interrupt Enable (for RDRF)
0 Hardware interrupts from RDRF disabled (use polling).
1 Hardware interrupt requested when RDRF flag is 1.
4
ILIE
Idle Line Interrupt Enable (for IDLE)
0 Hardware interrupts from IDLE disabled (use polling).
1 Hardware interrupt requested when IDLE flag is 1.
Table 14-3. SCIC1 Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com