Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 204 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 204 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 200Page - NXP Semiconductors HCS08 Datasheet HTML 201Page - NXP Semiconductors HCS08 Datasheet HTML 202Page - NXP Semiconductors HCS08 Datasheet HTML 203Page - NXP Semiconductors HCS08 Datasheet HTML 204Page - NXP Semiconductors HCS08 Datasheet HTML 205Page - NXP Semiconductors HCS08 Datasheet HTML 206Page - NXP Semiconductors HCS08 Datasheet HTML 207Page - NXP Semiconductors HCS08 Datasheet HTML 208Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 316 page
background image
Serial Communications Interface (S08SCIV4)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
204
Freescale Semiconductor
14.2
Register Definition
The SCI has eight 8-bit registers to control baud rate, select SCI options, report SCI status, and for
transmit/receive data.
Refer to the direct-page register summary in the Memory chapter of this data sheet for the absolute address
assignments for all SCI registers. This section refers to registers and control bits only by their names. A
Freescale-provided equate or header file is used to translate these names into the appropriate absolute
addresses.
14.2.1
SCI Baud Rate Registers (SCIBDH, SCIBDL)
This pair of registers controls the prescale divisor for SCI baud rate generation. To update the 13-bit baud
rate setting [SBR12:SBR0], first write to SCIBDH to buffer the high half of the new value and then write
to SCIBDL. The working value in SCIBDH does not change until SCIBDL is written.
SCIBDL is reset to a non-zero value, so after reset the baud rate generator remains disabled until the first
time the receiver or transmitter is enabled (RE or TE bits in SCIC2 are written to 1).
76
54
321
0
R
LBKDIE
RXEDGIE
0
SBR12
SBR11
SBR10
SBR9
SBR8
W
Reset
000
00
000
= Unimplemented or Reserved
Figure 14-4. SCI Baud Rate Register (SCIBDH)
Table 14-1. SCIBDH Field Descriptions
Field
Description
7
LBKDIE
LIN Break Detect Interrupt Enable (for LBKDIF)
0 Hardware interrupts from LBKDIF disabled (use polling).
1 Hardware interrupt requested when LBKDIF flag is 1.
6
RXEDGIE
RxD Input Active Edge Interrupt Enable (for RXEDGIF)
0 Hardware interrupts from RXEDGIF disabled (use polling).
1 Hardware interrupt requested when RXEDGIF flag is 1.
4:0
SBR[12:8]
Baud Rate Modulo Divisor — The 13 bits in SBR[12:0] are referred to collectively as BR, and they set the
modulo divide rate for the SCI baud rate generator. When BR = 0, the SCI baud rate generator is disabled to
reduce supply current. When BR = 1 to 8191, the SCI baud rate = BUSCLK/(16
BR). See also BR bits in
Table 14-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com