| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS08 Fiches technique(PDF) 159 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Fiches technique(HTML) 159 Page - NXP Semiconductors |
|
159 / 316 page ![]() Internal Clock Source (S08ICSV2) MC9S08SG8 MCU Series Data Sheet, Rev. 8 Freescale Semiconductor 159 If EREFSTEN is set and the ERCLKEN bit is written to 1, the external reference clock will keep running during stop mode in order to provide a fast recovery upon exiting stop. 10.4.7 Fixed Frequency Clock The ICS presents the divided FLL reference clock as ICSFFCLK for use as an additional clock source for peripheral modules. The ICS provides an output signal (ICSFFE) which indicates when the ICS is providing ICSOUT frequencies four times or greater than the divided FLL reference clock (ICSFFCLK). In FLL Engaged mode (FEI and FEE) this is always true and ICSFFE is always high. In ICS Bypass modes, ICSFFE will get asserted for the following combinations of BDIV and RDIV values: • BDIV=00 (divide by 1), RDIV • BDIV=01 (divide by 2), RDIV • BDIV=10 (divide by 4), RDIV • BDIV=11 (divide by 8), RDIV |