Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 157 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 157 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 153Page - NXP Semiconductors HCS08 Datasheet HTML 154Page - NXP Semiconductors HCS08 Datasheet HTML 155Page - NXP Semiconductors HCS08 Datasheet HTML 156Page - NXP Semiconductors HCS08 Datasheet HTML 157Page - NXP Semiconductors HCS08 Datasheet HTML 158Page - NXP Semiconductors HCS08 Datasheet HTML 159Page - NXP Semiconductors HCS08 Datasheet HTML 160Page - NXP Semiconductors HCS08 Datasheet HTML 161Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 316 page
background image
Internal Clock Source (S08ICSV2)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
157
10.4.1.5
FLL Bypassed External (FBE)
The FLL bypassed external (FBE) mode is entered when all the following conditions occur:
•
CLKS bits are written to 10.
•
IREFS bit is written to 0.
•
BDM mode is active or LP bit is written to 0.
In FLL bypassed external mode, the ICSOUT clock is derived from the external reference clock. The FLL
clock is controlled by the external reference clock, and the FLL loop will lock the FLL frequency to 1024
times the reference frequency, as selected by the RDIV bits, so that the ICSLCLK will be available for
BDC communications, and the external reference clock is enabled.
10.4.1.6
FLL Bypassed External Low Power (FBELP)
The FLL bypassed external low power (FBELP) mode is entered when all the following conditions occur:
•
CLKS bits are written to 10.
•
IREFS bit is written to 0.
•
BDM mode is not active and LP bit is written to 1.
In FLL bypassed external low power mode, the ICSOUT clock is derived from the external reference clock
and the FLL is disabled. The ICSLCLK will be not be available for BDC communications. The external
reference clock is enabled.
10.4.1.7
Stop
Stop mode is entered whenever the MCU enters a STOP state. In this mode, all ICS clock signals are static
except in the following cases:
ICSIRCLK will be active in stop mode when all the following conditions occur:
•
IRCLKEN bit is written to 1
•
IREFSTEN bit is written to 1
ICSERCLK will be active in stop mode when all the following conditions occur:
•
ERCLKEN bit is written to 1
•
EREFSTEN bit is written to 1
10.4.2
Mode Switching
When switching between FLL engaged internal (FEI) and FLL engaged external (FEE) modes the IREFS
bit can be changed at anytime, but the RDIV bits must be changed simultaneously so that the resulting
frequency stays in the range of 31.25 kHz to 39.0625 kHz. After a change in the IREFS value the FLL will
begin locking again after a few full cycles of the resulting divided reference frequency. The completion of
the switch is shown by the IREFST bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com