| Moteur de recherche de fiches techniques de composants électroniques |
|
VS6624 Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624 Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 100 page ![]() VS6624 Register map Rev 1 49/100 Host interface manager status Run mode control Table 10. Host interface manager status [Read only] Index HostInterfaceManagerStatus [Read only](1) 0x0202 bState Default Value <16>_RAW Purpose The current state of the mode manager. Type CODED Possible values <16>_RAW - default powerup state. <33> WAITING_FOR_BOOT - Waiting for ModeManager to signal BOOT event. <34> PAUSED - Booted, the input pipe is idle. <38>WAITING_FOR_RUN - Waiting for ModeManager to complete RUN setup. <49> RUNNING - The pipe is active. <50> WAITING_FOR_PAUSE - The host has issued a PAUSE command. The HostInterfaceManager is waiting for the ModeManager to signal PAUSE processing complete. <64> FLASHGUN - Grabbing a single frame. <80> STOPPED - Low power 1. Can be accessed in all stable states Table 11. Run mode control Index RunModeControl(1) 0x0280 fMeteringOn Default Value: <1> TRUE Purpose If metering is off the Auto Exposure (AE) and Auto White Balance (AWB) tasks are disabled Type Flag_e Possible values <0> FALSE <1> TRUE 1. Can be controlled in all stable states |