Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS6624 Fiches technique(PDF) 72 Page - STMicroelectronics

No de pièce VS6624
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Fiches technique(HTML) 72 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 68Page - STMicroelectronics VS6624 Datasheet HTML 69Page - STMicroelectronics VS6624 Datasheet HTML 70Page - STMicroelectronics VS6624 Datasheet HTML 71Page - STMicroelectronics VS6624 Datasheet HTML 72Page - STMicroelectronics VS6624 Datasheet HTML 73Page - STMicroelectronics VS6624 Datasheet HTML 74Page - STMicroelectronics VS6624 Datasheet HTML 75Page - STMicroelectronics VS6624 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
Register map
VS6624
72/100
Rev 1
0x2014
bUserPeakHiThresh
Default value
0x30
Purpose
adjust maximum gain that can be applied. range: 0 - 63
Type
BYTE
0x2017 (MSByte)
0x2018 (LSByte)
fpDamperLowThreshold_Coring
Default value
0x624a (300032)
Purpose
Low Threshold for exposure for calculating the damper slope - for coring
Type
FLOAT
0x201b (MSByte)
0x201c (LSByte)
fpDamperHighThreshold_Coring
Default value
0x656f (900096)
Purpose
High Threshold for exposure for calculating the damper slope - for coring
Type
FLOAT
0x201f (MSByte)
0x2020 (LSByte)
fpMinimumDamperOutput_Coring
Default value
0x3a00 (0.2500)
Purpose
Minimum possible damper output for the Coring.
Type
FLOAT
1.
Can be controlled in all stable states
Table 33.
Peaking control
Index
Peaking control(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100