| Moteur de recherche de fiches techniques de composants électroniques |
|
VS6624 Fiches technique(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624 Fiches technique(HTML) 59 Page - STMicroelectronics |
|
59 / 100 page ![]() VS6624 Register map Rev 1 59/100 Viewlive control Viewlive status [read only] Table 15. ViewLive control Index ViewLiveControl 0x0480 fEnable (Can be controlled in all stable states) Default value <0> FALSE Purpose set to enable the View Live mode. Type Flag_e Possible values <0> FALSE <1> TRUE 0x0482 bInitialPipeSetupBank (must be setup in PAUSE or STOP mode) Default value <0> PipeSetupBank_0 Purpose First frame output will be from PipeSetupBank selected by 'bInitialPipeSetupBank'. if ViewLive is enabled the next frame will be from the other PipeSetupBank, otherwise only one PipeSetupBank will be used. Type CODED Possible values <0> PipeSetupBank_0 <1> PipeSetupBank_1 Table 16. Viewlive status Index ViewLiveStatus [read only] 0x0500 CurrentPipeSetupBank Default value <0> PipeSetupBank_0 Purpose indicates the PipeSetupBank which has most recently been applied to the pixel pipe hardware. Type CODED Possible values <0> PipeSetupBank_0 <1> PipeSetupBank_1 |