| Moteur de recherche de fiches techniques de composants électroniques |
|
VS6624 Fiches technique(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624 Fiches technique(HTML) 67 Page - STMicroelectronics |
|
67 / 100 page ![]() VS6624 Register map Rev 1 67/100 Sensor setup Image Stability [read only] 0x1493 (MSByte) 0x1494 (LSByte) fpFlashBlueGain Default value 0x3e8a (1.269531) Purpose BlueGain For FlashGun Type FLOAT 1. Can be controlled in all stable states Table 24. White balance control parameters Index WBControlParameters(1) Table 25. Sensor setup Index SensorSetup(1) 0x1990 bBlackCorrectionOffset Default value 0x00 Purpose Black Correction Offset which would be added to the sensor pedestal to get the RE Offset. This is to improve the black level. Type BYTE 1. Can be controlled in all stable states Table 26. Image stability [read only] Index Image stability [read only] 0x1900 fWhiteBalanceStable Default value 0x00 Purpose Specifies that white balance system is stable/unstable Type CODED Possible values <0> Unstable <1>Stable 0x1902 fExposureStable Default value 0x00 Purpose Specifies that white balance system is stable/unstable Type CODED Possible values <0> Unstable <1>Stable |