Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MDT10P55A Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce MDT10P55A
Description  8-bit micro-controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

MDT10P55A Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MDT10P55A Datasheet HTML 3Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 4Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 5Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 6Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 7Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 8Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 9Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 10Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MDT10P55A
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 9
2006/1
Ver. 1.3
(3) RC , WDT – Enable , @Vdd = 4.5V
C
R
Freq.
Current
4.7k
7.4M
2.3mA
10k
2.9M
950uA
47k
884K
350uA
100k
452K
200uA
300k
148K
120uA
3p
470k
92K
120uA
4.7k
4.2M
1.3mA
10k
2.2M
750uA
47k
484K
230uA
100k
240K
150uA
300k
80K
120uA
20p
470k
52K
120uA
4.7k
1.4M
550uA
10k
736K
300uA
47k
160K
150uA
100k
80K
120uA
300k
27K
120uA
100p
470k
17K
120uA
4.7k
632K
300uA
10k
312K
200uA
47k
68K
120uA
100k
34K
120uA
300k
11K
120uA
300p
470k
7K
120uA
These parameters are for reference only.
(4) LF (C=10p) , WDT - disable
32K
455K
1M
Sleep
2.5V
30uA
X
X
1.0uA
3.0V
60uA
@3.2V,300uA
@3.2V,300uA
1.0uA
4.0V
150uA
450uA
450uA
1.0uA
4.5V
300uA
750uA
750uA
1.0uA
These parameters are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com