Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MDT10P55A Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce MDT10P55A
Description  8-bit micro-controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

MDT10P55A Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  MDT10P55A Datasheet HTML 1Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 2Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 3Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 4Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 5Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 6Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 7Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 8Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MDT10P55A
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 4
2006/1
Ver. 1.3
(4) STATUS (Status register) : R3
Bit
Symbol
Function
0
1
2
3
4
5
6
7
C
HC
Z
PF
TF
PAGE
——
PCWUF
Carry bit
Half Carry bit
Zero bit
Power down bit
WDT Timer overflow Flag bit
ROM page select bit
Unimplemented
Pin change wake up from sleep
(5) MSR (Memory Bank Select Register) : R4
b7
b6
b5
b4
b3
b2
b1
b0
Read only “1”
BANK Select
Indirect Addressing Mode
(6) PORT B : R6
PB5~PB0, I/O Register ,PB3 input only.
(7) PORT C: R7
PC5~PC0, I/O Register
(8) TMR (Time Mode Register)
Bit
Symbol
Function
Prescaler Value
RTCC rate
WDT rate
2—0
PS2—0
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
1 : 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
3
PSC
Prescaler assignment bit :
0 — RTCC
1 — Watchdog Timer
4
TCE
RTCC signal Edge :
0 — Increment on low-to-high transition on RTCC pin
1 — Increment on high-to-low transition on RTCC pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com