Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MDT10P55A Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce MDT10P55A
Description  8-bit micro-controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

MDT10P55A Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MDT10P55A Datasheet HTML 2Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 3Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 4Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 5Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 6Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 7Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 8Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 9Page - List of Unclassifed Manufacturers MDT10P55A Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MDT10P55A
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 6
2006/1
Ver. 1.3
(B) Program Memory
Address
Description
000-3FF
Program memory
000
The starting address of power on, external reset or WDT time-out reset.
8. Reset Condition for all Registers
Register
Address
Power-On Reset
/MCLR Reset
WDT Reset
CPIO B
--
--11 1111
--111 1111
--11 1111
CPIO C
--
--11 1111
--11 1111
--11 1111
TMR
--
1111 1111
1111 1111
--11 1111
IAR
00h
xxxx xxxx
uuuu uuuu
uuuu uuuu
RTCC
01h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PC
02h
0000 0000
0000 0000
0000 0000
STATUS
03h
0001 1xxx
#00# #uuu
#00# #uuu
MSR
04h
110x xxxx
11uu uuuu
11uu uuuu
PORT B
06h
--xx xxxx
--uu uuuu
--uu uuuu
PORT C
07h
--xx xxxx
--uu uuuu
--uu uuuu
Note : u=unchanged,
x=unknown,
- =unimplemented, read as “0”
#=value depends on the condition of the following table
Condition
Status: bit 7
Status: bit 4
Status: bit 3
/MCLR reset (not during SLEEP)
0
u
u
/MCLR reset during SLEEP
0
1
0
WDT reset (not during SLEEP)
0
0
1
WDT reset during SLEEP
0
0
0
Wake-up from SLEEP on pin change
1
1
0
9. Instruction Set :
Instruction Code
Mnemonic
Operands
Function
Operating
Status
010000 00000000
NOP
No operation
None
010000 00000001
CLRWT
Clear Watchdog timer
0→WT
TF, PF
010000 00000010
SLEEP
Sleep mode
0→WT, stop OSC
TF, PF
010000 00000011
TMODE
Load W to TMODE register
W→TMODE
None
010000 00000100
RET
Return
Stack→PC
None
010000 00000rrr
CPIO
R
Control I/O port register
W→CPIO
r
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com