Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K32L2AX Fiches technique(PDF) 93 Page - NXP Semiconductors

No de pièce K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Fiches technique(HTML) 93 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 88Page - NXP Semiconductors K32L2AX Datasheet HTML 89Page - NXP Semiconductors K32L2AX Datasheet HTML 90Page - NXP Semiconductors K32L2AX Datasheet HTML 91Page - NXP Semiconductors K32L2AX Datasheet HTML 92Page - NXP Semiconductors K32L2AX Datasheet HTML 93Page - NXP Semiconductors K32L2AX Datasheet HTML 94Page - NXP Semiconductors K32L2AX Datasheet HTML 95Page - NXP Semiconductors K32L2AX Datasheet HTML 96Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 93 / 96 page
background image
10.1 Description
Part numbers for the chip have fields that identify the specific part. You can use the
values of these fields to determine the specific part you have received.
10.2 Format
Part numbers for this device have the following format:
B PS C FS SPF T PG FR S PT
10.3 Fields
This table lists the possible values for each field in the part number (not all
combinations are valid):
Table 55. Part number fields descriptions
Field
Description
Values
B
Brand
• K32
PS
Product Series
• L2
C
Core
• A= Sub-family A
• B= Sub-family B
FS
Flash size
• 1 = 64 KB
• 2 = 128 KB
• 3 = 256 KB
• 4 = 512 KB
SPF
Special Feature
• 0 = Dual core
• 1 = Single core
T
Temperature range (°C)
• V = –40 to 105
PG
Package
• LH = 64 LQFP
• LL = 100 LQFP
FR
Fequency (MHz)
• 1 = 0 - 72 MHz
S
Silicon revision
• A = Initial Mask Set
• B = 1st Major Spin
PT
Packaging Type
• R = Std Reel
10.4 Example
This is an example part number:
Part identification
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
93
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96