Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K32L2AX Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 5Page - NXP Semiconductors K32L2AX Datasheet HTML 6Page - NXP Semiconductors K32L2AX Datasheet HTML 7Page - NXP Semiconductors K32L2AX Datasheet HTML 8Page - NXP Semiconductors K32L2AX Datasheet HTML 9Page - NXP Semiconductors K32L2AX Datasheet HTML 10Page - NXP Semiconductors K32L2AX Datasheet HTML 11Page - NXP Semiconductors K32L2AX Datasheet HTML 12Page - NXP Semiconductors K32L2AX Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
Table 3. Reset sources
Reset sources
Description
POR reset
• Power-on reset (POR)
External global system resets
• External pin reset (PIN)
• Low-voltage detect (LVD)
• Low leakage wakeup (LLWU) reset
• Clock monitor reset sources
• Stop mode acknowledge error (SACKERR)
Internal Core-generated resets
• Watchdog timer reset
• Software reset (SW)
• Lockup reset (LOCKUP)
• MDM DAP system reset request
Debug reset
• Debug resets
The CM0+ core adds support for a programmable Vector Table Offset Register
(VTOR) to relocate the exception vector table after reset. This device supports booting
from internal flash and RAM.
The Flash Option (FOPT) register in the Flash Memory module (FTFA_FOPT) allows
the user to customize the operation of the MCU at boot time. The register contains
read-only bits that are loaded from the NVM's option byte in the flash configuration
field. Below is boot flow chart for this device.
Overview
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
9
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96