| Moteur de recherche de fiches techniques de composants électroniques |
|
K32L2AX Fiches technique(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
K32L2AX Fiches technique(HTML) 5 Page - NXP Semiconductors |
|
5 / 96 page ![]() 1 Ordering information Table 1. Ordering information Part number Memory (Flash/ SRAM) Core CPU frequency (MHz) Crypto Serial interfaces Packages K32L2A41VLL1A 512 KB Flash/128 KB SRAM Single Cortex- M0+ Up to 72 (normal), 96 (HSRUN) Yes 3xLPI2C, 3xLPUART, 3xLPSPI, EVMSIM, FlexIO, FS USB LQFP100 K32L2A31VLL1A 256 KB Flash/128 KB SRAM Single Cortex- M0+ Up to 72 (normal), 96 (HSRUN) Yes 3xLPI2C, 3xLPUART, 3xLPSPI, EVMSIM, FlexIO, FS USB LQFP100 K32L2A41VLH1A 512 KB Flash/128 KB SRAM Single Cortex- M0+ Up to 72 (normal), 96 (HSRUN) Yes 3xLPI2C, 3xLPUART, 3xLPSPI, EVMSIM, FlexIO, FS USB LQFP64 K32L2A31VLH1A 256 KB Flash/128 KB SRAM Single Cortex- M0+ Up to 72 (normal), 96 (HSRUN) Yes 3xLPI2C, 3xLPUART, 3xLPSPI, EVMSIM, FlexIO, FS USB LQFP64 2 Overview The following figure shows the block diagram of this device. Ordering information K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021 5 NXP Semiconductors |