Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9963E Fiches technique(PDF) 111 Page - STMicroelectronics

No de pièce L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Fiches technique(HTML) 111 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 107Page - STMicroelectronics L9963E Datasheet HTML 108Page - STMicroelectronics L9963E Datasheet HTML 109Page - STMicroelectronics L9963E Datasheet HTML 110Page - STMicroelectronics L9963E Datasheet HTML 111Page - STMicroelectronics L9963E Datasheet HTML 112Page - STMicroelectronics L9963E Datasheet HTML 113Page - STMicroelectronics L9963E Datasheet HTML 114Page - STMicroelectronics L9963E Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 184 page
background image
Register Name
Field name
Description
See Table 48
GPIO6_UT_TH
RW
0
9
0x0
A
Determines GPIO6 undertemperature
threshold
See Table 48
GPIO7_THR
0x19
GPIO7_OT_TH
RW
9
9
0x0
A
Determines GPIO7 overtemperature
threshold
See Table 48
GPIO7_UT_TH
RW
0
9
0x0
A
Determines GPIO7 undertemperature
threshold
See Table 48
GPIO8_THR
0x1A
GPIO8_OT_TH
RW
9
9
0x0
A
Determines GPIO8 overtemperature
threshold
See Table 48
GPIO8_UT_TH
RW
0
9
0x0
A
Determines GPIO8 undertemperature
threshold
See Table 48
GPIO9_THR
0x1B
GPIO9_OT_TH
RW
9
9
0x0
A
Determines GPIO9 overtemperature
threshold
See Table 48
GPIO9_UT_TH
RW
0
9
0x0
A
Determines GPIO9 undertemperature
threshold
See Table 48
VCELLS_EN
0x1C
Noreg17
RO
17
1
0x0
X
Noreg16
RO
16
1
0x0
X
Noreg15
RO
15
1
0x0
X
Noreg14
RO
14
1
0x0
X
VCELL14_EN
RW
13
1
0x0
A
0 → Cell disabled
1 → Cell enabled
VCELL13_EN
RW
12
1
0x0
A
VCELL12_EN
RW
11
1
0x0
A
VCELL11_EN
RW
10
1
0x0
A
VCELL10_EN
RW
9
1
0x0
A
VCELL9_EN
RW
8
1
0x0
A
VCELL8_EN
RW
7
1
0x0
A
VCELL7_EN
RW
6
1
0x0
A
VCELL6_EN
RW
5
1
0x0
A
VCELL5_EN
RW
4
1
0x0
A
L9963E
Register map
DS13636 - Rev 4
page 111/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More