Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9963E Fiches technique(PDF) 114 Page - STMicroelectronics

No de pièce L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Fiches technique(HTML) 114 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 110Page - STMicroelectronics L9963E Datasheet HTML 111Page - STMicroelectronics L9963E Datasheet HTML 112Page - STMicroelectronics L9963E Datasheet HTML 113Page - STMicroelectronics L9963E Datasheet HTML 114Page - STMicroelectronics L9963E Datasheet HTML 115Page - STMicroelectronics L9963E Datasheet HTML 116Page - STMicroelectronics L9963E Datasheet HTML 117Page - STMicroelectronics L9963E Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 184 page
background image
Register Name
Field name
Description
ovc_norm_msk
RW
10
1
0x0
A
0 → CSA overcurrent in normal not
masked
1 → CSA overcurrent in normal
masked
sense_plus_open
RLR
9
1
0x0
B
0 → Open failure not detected on
CSA non-inverting input
1 → Open failure detected on CSA
non-inverting input
sense_minus_open
RLR
8
1
0x0
B
0 → Open failure not detected on
CSA inverting input
1 → Open failure detected on CSA
inverting input
Noreg7
RO
7
1
0x0
X
Gpio9_OT_UT_MSK
RW
6
1
0x0
A
0 → GPIO over/under temperature
not masked
1 → GPIO over/under temperature
masked
Gpio8_OT_UT_MSK
RW
5
1
0x0
A
Gpio7_OT_UT_MSK
RW
4
1
0x0
A
Gpio6_OT_UT_MSK
RW
3
1
0x0
A
Gpio5_OT_UT_MSK
RW
2
1
0x0
A
Gpio4_OT_UT_MSK
RW
1
1
0x0
A
Gpio3_OT_UT_MSK
RW
0
1
0x0
A
Vcell1
0x21
Noreg17
RO
17
1
0x0
X
d_rdy_Vcell1
RLR
16
1
0x0
B
0 → Data was already read once
1 → Fresh new data
VCell1
RO
0
16
0x0
B
Cell 1 voltage measurement
Vcell2
0x22
Noreg17
RO
17
1
0x0
X
d_rdy_Vcell2
RLR
16
1
0x0
B
0 → Data was already read once
1 → Fresh new data
VCell2
RO
0
16
0x0
B
Cell 2 voltage measurement
Vcell3
0x23
Noreg17
RO
17
1
0x0
X
d_rdy_Vcell3
RLR
16
1
0x0
B
0 → Data was already read once
1 → Fresh new data
VCell3
RO
0
16
0x0
B
Cell 3 voltage measurement
Vcell4
0x24
Noreg17
RO
17
1
0x0
X
d_rdy_Vcell4
RLR
16
1
0x0
B
0 → Data was already read once
1 → Fresh new data
VCell4
RO
0
16
0x0
B
Cell 4 voltage measurement
L9963E
Register map
DS13636 - Rev 4
page 114/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More