| Moteur de recherche de fiches techniques de composants électroniques |
|
L9963E Fiches technique(PDF) 113 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9963E Fiches technique(HTML) 113 Page - STMicroelectronics |
|
113 / 184 page ![]() Register Name Field name Description EEPROM_CRC_ERR_CA L_FF RO 12 1 0x0 A 0 → No CRC error in current calibration data 1 → CRC error in current calibration data EEPROM_CRC_ERRMSK _CAL_FF RW 11 1 0x0 A 0 → CRC error in current calibration data not masked 1 → CRC error in current calibration data masked RAM_CRC_ERR RLR 10 1 0x0 A 0 → No CRC error in RAM content 1 → CRC error in RAM content RAM_CRC_ERRMSK RW 9 1 0x0 A 0 → CRC error in RAM content not masked 1 → CRC error in RAM content masked trim_dwnl_tried RO 8 1 0x0 A 0 → No attempt to download NVM was executed 1 → Attempt to download NVM executed TrimmCalOk RO 7 1 0x0 A 0 → Trimming and calibration data are corrupted 1 → Trimming and calibration data are integer Gpio9_fastchg_OT_MSK RW 6 1 0x0 A 0 → GPIO fast charge overtemperature not masked 1 → GPIO fast charge overtemperature masked Gpio8_fastchg_OT_MSK RW 5 1 0x0 A Gpio7_fastchg_OT_MSK RW 4 1 0x0 A Gpio6_fastchg_OT_MSK RW 3 1 0x0 A Gpio5_fastchg_OT_MSK RW 2 1 0x0 A Gpio4_fastchg_OT_MSK RW 1 1 0x0 A Gpio3_fastchg_OT_MSK RW 0 1 0x0 A CSA_THRESH_NORM 0x1F adc_ovc_curr_threshold_n orm RW 0 18 0x0 A Determines the CSA overcurrent threshold in Normal state See Table 41 CSA_GPIO_MSK 0x20 adc_ovc_curr_threshold_sl eep RW 13 5 0x0 A Determines the CSA overcurrent threshold in Cyclic wake up state See Table 41 CoulombCounter_en RW 12 1 0x0 A 0 → Coulomb Counter disabled 1 → Coulomb Counter enabled ovc_sleep_msk RW 11 1 0x0 A 0 → CSA overcurrent in cyclic wake up not masked 1 → CSA overcurrent in cyclic wake up masked L9963E Register map DS13636 - Rev 4 page 113/184 |