| Moteur de recherche de fiches techniques de composants électroniques |
|
L9963E Fiches technique(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9963E Fiches technique(HTML) 108 Page - STMicroelectronics |
|
108 / 184 page ![]() Register Name Field name Description TCYCLE_SLEEP RW 3 3 0x0 A Determines the period of cyclic conversions executed in cyclic wake up. See Table 68 ADC_FILTER_SLEEP RW 0 3 0x0 A Determines the filter window used for cyclic conversion in cyclic wake up state. See Table 39 BalCell14_7act 0x10 Noreg17 RO 17 1 0x0 X Noreg16 RO 16 1 0x0 X BAL14 RW 14 2 0x1 A 10 → Balancing enabled Others → Balancing disabled BAL13 RW 12 2 0x1 A BAL12 RW 10 2 0x1 A BAL11 RW 8 2 0x1 A BAL10 RW 6 2 0x1 A BAL9 RW 4 2 0x1 A BAL8 RW 2 2 0x1 A BAL7 RW 0 2 0x1 A BalCell6_1act 0x11 Noreg17 RO 17 1 0x0 X Noreg16 RO 16 1 0x0 X BAL6 RW 14 2 0x1 A 10 → Balancing enabled Others → Balancing disabled BAL5 RW 12 2 0x1 A BAL4 RW 10 2 0x1 A BAL3 RW 8 2 0x1 A BAL2 RW 6 2 0x1 A BAL1 RW 4 2 0x1 A Noreg3 RO 3 1 0x0 X Noreg2 RO 2 1 0x0 X bal_on RO 1 1 0x0 A See Table 42 eof_bal RO 0 1 0x0 A FSM 0x12 Noreg17 RO 17 1 0x0 X Noreg16 RO 16 1 0x0 X SW_RST WO 14 2 0x0 B 10 → Triggers software reset Others → No effect GO2SLP WO 12 2 0x0 B 10 → Moves the device to sleep Others → No effect L9963E Register map DS13636 - Rev 4 page 108/184 |