| Moteur de recherche de fiches techniques de composants électroniques |
|
L9963E Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9963E Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 184 page ![]() Symbol Parameter Test conditions Min. Typ. Max. Unit IREG_GPIO_DIGOUT - Delta current from VREG pin needed to use 1 GPIO as digital output. 0.4 0.8 1.2 mA Average DC current consumption in application can be estimated according to the following equations: Estimation of the average DC current consumption in application IAVG= IBATNORMADC+IREGNORMADC+NBAL14IBATBALANCE+IREGGPIODIGOUTNDIGOUT ×WCONV +IBATNORM+IREGNORM+NBAL14*IBATBALANCE+IREGGPIODIGOUTNDIGOUT ×WBAL_OL+ILP×WLP WCONV=2TCYCLEADCSLEEP TPERIOD + TCYCLEADC000 NCYCLEGPIOTPERIOD+TGPIOOPENSET+TCYCLEADC000 NCYCLEGPIOTERMTPERIOD +2TCxOPENSET+2TCYCLEADC000 NCYCLECELLTERMTPERIOD + 3TCYCLEADC000 NCYCLEHWSCTPERIOD WBAL_OL= 2TBALOL NCYCLEBALTERMTCYCLESLEEP WLP=1−WCONV−WBAL_OL TPERIOD= TCYCLE_SLEEP if Cyclic Wakeup mode is activated TCYCLE if operating in Normal mode IREGNORMADC= IREGNORMADCCSEN0 if CSA is disabled IREGNORMADCCSEN1 if CSA is enabled IREGNORM= IREGNORMCSEN0 if CSA is disabled IREGNORMCSEN1 if CSA is enabled ISLEEP= IBAT_SLP if NBAL=0 IBAT_SLP_BAL_CONF if NBAL>0 ILP= ISLEEP+NBAL14×IBATBALANCE if Cyclic Wakeup mode is activated IBAT_NORM+IREGNORM+NBAL14×IBATBALANCE+IREGGPIODIGOUTNDIGOUT if operating in Normal mode (1) L9963E Power management DS13636 - Rev 4 page 13/184 |