Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HM2459B Fiches technique(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

No de pièce HM2459B
Description  800 mA up to 40V Input Step-Down DC/DC Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Site Internet  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2459B Fiches technique(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2459B Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Page 8 of 14
circuit rent rating for the diode should be equal to the maximum output current for best reliability in most applications.
In cases where the input voltage is much greater than the output voltage the average diode current is lower. In this
case it is possible to use a diode with a lower average current rating, approximately (1-D)Io, however the peak
current rating should be higher than the maximum load current 0.5A to 1A rated diode is a good starting point.
Layout Considerations
To reduce problems with conducted noise pick up, the ground side of the feedback network should be connected
directly to the GND pin with its own connection. The feedback network, resistors R1 and R2, should be kept close to
the FB pin, and away from the inductor to minimize coupling noise into the feedback pin. The input bypass capacitor
CIN must be placed close to the VIN pin. This will reduce copper trace resistance which effects input voltage ripple of
the IC. The inductor L should be placed close to the SW pin to reduce magnetic and electrostatic noise. The output
capacitor, Co should be placed close to the junction of L and the diode D1. The L, D1, and Co trace should be as
short as possible to reduce conducted and radiated noise and increase overall efficiency. The ground connection for
the diode, CIN, and Co should be as small as possible and tied to the system ground plane in only one spot
(preferably at the Co ground point) to minimize conducted noise in the system ground plane.
Typical Performance Characteristics
T =25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com