Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HM2459B Fiches technique(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

No de pièce HM2459B
Description  800 mA up to 40V Input Step-Down DC/DC Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Site Internet  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2459B Fiches technique(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2459B Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Page 7 of 14
A higher value of ripple current reduces inductance, but increases the conductance loss, core loss, and current
stress for the inductor and switch devices. It also requires a bigger output capacitor for the same output voltage ripple
requirement. A reasonable value is setting the ripple current to be 30% of the DC output current. Since the ripple
current increases with the input voltage, the maximum input voltage is always used to determine the inductance. The
DC resistance of the inductor is a key parameter for the efficiency. Lower DC resistance is available with a bigger
winding area. A good tradeoff between the efficiency and the core size is letting the inductor copper loss equal 2% of
the output power. A good starting point for most applications is a 4.7
μH to 15μH with 1A or greater current rating for
the
. Using such a rating will enable the
to current limit without saturating the inductor. This is
preferable to the
going into thermal shutdown mode and the possibility of damaging the inductor if the
output is shorted to ground or other long term overload.
Output Capacitor
The selection of Co is driven by the maximum allowable output voltage ripple. The output ripple in the constant
frequency, PWM mode is approximated by:
RIPPLE
RIPPLE
SW
1
V
=I
*(ESR +
)
8 * f *Co
The ESR term usually plays the dominant role in determining the voltage ripple. Low ESR ceramic capacitors are
recommended. Capacitors in the range of 22μF-100μF are a good starting point with an ESR of 0.1Ω orless.
Booststrap Capacitor
A 0.15μF ceramic capacitor or larger is recommended for the bootstrap capacitor (Cboot). For applications where
the input voltage is less than twice the output voltage a larger capacitor
is recommended, generally 0.15μF to 1μF to
ensure plenty of gate drive for the internal switches and a consistently low RDSON.
Soft-Start
The built-in soft start, controlled by the clock signal frequency, in order to prevent the current overshoort when
opening.
Shutdown Operation
The EN pin of the
is designed so that it may be controlled using 1.5V or higher logic signals. If the
shutdown function is not to be used the EN pin may be tied to VIN with a resistor(A 1M
Ω or larger resistor is
recommended between the input voltage and the EN pin to protect the device.). The maximum voltage to the EN pin
should not exceed 5V.
Schottky Diode
The breakdown voltage rating of the diode (D1) is preferred to be 25% higher than the maximum input voltage. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com