Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HM2459B Fiches technique(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

No de pièce HM2459B
Description  800 mA up to 40V Input Step-Down DC/DC Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Site Internet  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2459B Fiches technique(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2459B Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2459B Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Page 4 of 14
Electrical Characteristics
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range ( TJ = −40°C to +125°C). Minimum and Maximum limits are guaranteed through test, design, or
statistical correlation. Typical values represent the most likely parametric norm at TJ = +25°C, and are provided for
reference purposes only. Unless otherwise stated the following conditions apply: VIN = 12V.
Item
Symbol
Test condition
Min
Typ.
Max
Unit
Quiescent current
IQ
EN=0 V
-
0.7
2
μA
Device On, Not Switching
-
1.3
1.75
mA
Device On, No Load
-
1.35
1.85
Switch ON resistance
RDSON
-
0.9
1.6
Ω
Switch leakage current
ILSW
VIN =40V
-
0
0.5
μA
Switch Current Limit
ICL
-
1.2
-
A
Feedback pin Bias Current
IFB
-
0.1
1
μA
Feedback voltage
VFB
0.788
0.8
0.812
V
Minimum ON time
tMIN
-
100
-
nS
Switching Frequency
fSW
VFB=0.5V
-
550
-
KHz
Short Circuit Frequency
Fshort
VFB = 0V
-
140
-
KHz
Maximum Duty Cycle
DMAX
VFB = 1.0V
-
88
94
%
VIN UVLO Threshold
Vuvp
On threshold
4.4
3.9
-
V
Vuvhy
Off threshold
-
3.7
3.5
V
EN Shutdown Threshold
Voltage
VEN_ST
VEN Rising
4
2
-
V
Thermal Shutdown
T
-
160
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13