Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S8V-CP Fiches technique(PDF) 5 Page - Omron Electronics LLC

No de pièce S8V-CP
Description  DC Electronic Circuit Protector (24 VDC 4 Outputs/8 Outputs Type)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8V-CP Fiches technique(HTML) 5 Page - Omron Electronics LLC

  S8V-CP Datasheet HTML 1Page - Omron Electronics LLC S8V-CP Datasheet HTML 2Page - Omron Electronics LLC S8V-CP Datasheet HTML 3Page - Omron Electronics LLC S8V-CP Datasheet HTML 4Page - Omron Electronics LLC S8V-CP Datasheet HTML 5Page - Omron Electronics LLC S8V-CP Datasheet HTML 6Page - Omron Electronics LLC S8V-CP Datasheet HTML 7Page - Omron Electronics LLC S8V-CP Datasheet HTML 8Page - Omron Electronics LLC S8V-CP Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
S8V-CP
5
Connection Example
Note: 1. Wire so that the load current does not flow into -VI1 or -VI2.
2. Follow the figures below for wiring Reset signal input terminal.
POWER SUPPLY
LOAD
RESETSIGNAL
POWER LINE/LOAD LINE
SIGNAL LINE
INDICATOR
COMMON TERMINALBLOCK
S8V-CP
RST
+VDC
-VDC
+
ALM1
ALM2
L
N
PE
+VO1
+VO2
+VO3
+VO4
+VI1
+VI2
-VI1
-VI2
S8V-CP
S8V-CP
S8V-CP
RST
-VI2
RST
-VI2
RST
-VI2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com